PART |
Description |
Maker |
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
BD9300 BD9300FV BD9300F |
DC-DC Converter, 1Watt, Input VDC: 5, Output VDC: 5, Max Output Current(A): 0.2, Package: SIP7, Isolation(VDC): 6000, Operating Temp. -40C to 85 1-channel DC/DC converter controller
|
http:// Rohm CO.,LTD.
|
NME0505SNBSP NME1205 NME2412 NME1212 NME0505S NME0 |
DC/DC converter, 1 watt. Output voltage 12VDC. Output current 84mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 9VDC. Output current 110mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 5VDC. Output current 200mA. Input 24VDC . NME Series 1 Watt Surface Mount DC/DC Converters DC/DC Converters NME SERIES 1 WATT From old datasheet system Ty-Rap Self-Locking Cable Ties; Cable Bundle Diameter Max:2.00"; Body Material:Nylon 6.6; Cable Tie Length:8.8"; Cable Tie Width:0.301"; Tensile Strength:120lb; Color:Black DC / DC转换非市场经济系瓦特
|
International Power Sources List of Unclassifed Manufacturers XPiQ Inc. ETC[ETC] Electronic Theatre Controls, Inc.
|
RYT-090524 RYT-091212 RYT-090505 RYT-090909 RST241 |
Recom International Power ECONOLINE - DC/DC - CONVERTER 1W DC/DC converter with 5V input, 15V/33mA output 1W DC/DC converter with 9V input, 15V/33mA output
|
Recom International Power
|
SP9501AN SP9501KS SP9501 SP9501AS SP9501BN SP9501B |
SERIAL INPUT LOADING, 4 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit, Voltage Output D/A Converter 12位电压输出D / A转换 12-Bit Voltage Output D/A Converter
|
Glenair, Inc. SIPEX[Sipex Corporation]
|
PC3-5-5 PC3-12-3.3 PC3-5-3.3 PC3-5-12 PC1R5-24-5 P |
Single output DC-DC converter 1.5W ~ 6W Single Dual output DC-DC converter 1.5W ~ 25W Single/ Dual output DC-DC converter 1.5W ~ 25W LED Panel Indicator; LED Color:Green; Luminous Intensity:300foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Green; Leaded Process Compatible:No RoHS Compliant: No LED Panel Indicator; LED Color:Red; Luminous Intensity:1500foot lambert; Forward Current:40mA; Forward Voltage:24V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No OSC 5V 8PIN CMOS Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输DC - DC转换.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输DC - DC转换1.5W25 MICRO 31 P 30" RBW JACKS 单,双输出DC - DC转换.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换.5W25 Single output DC-DC converter 1.5W ~ 6W 单输出DC - DC转换1.5W6W Single output DC-DC converter 1.5W ~ 6W 单输出DC - DC转换.5W6W Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换1.5W25 MICRO 31 PIN 36" RBW
|
LAMBDA[DENSEI-LAMBDA] Struthers-Dunn Advanced Analogic Technologies, Inc. Ecliptek, Corp. NXP Semiconductors N.V. Micrel Semiconductor, Inc. TE Connectivity, Ltd.
|
OET020YEHH OET020YEHH-A OET020YEJJ-A OET020ZEHH-A |
25 Watt, input voltage range:18-36V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-12V (3.5-0.35A) DC/DC converter TRIPLE OUTPUT 25 WATT T1/E1 Transformer Analog IC TRIPLE OUTPUT, 25 WATT 三路输出25瓦特
|
POWER-ONE[Power-One] EPCOS AG
|
BP5085-15 |
AC/DC converter AC220V input/ output C220V output−1 : 15V/80mA/ output output−2 : 5V/350mA AC/DC converter AC220V input, output C220V output-1 : 15V/80mA, output output-2 : 5V/350mA
|
ROHM[Rohm]
|
GLDW34V03 GLDW34V03PSR-003-123 GLDW34V03PER-001-12 |
High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
|
GALAXY[Galaxy Power, Inc.]
|
NMA0509D NMA0509S |
DC/DC converter, 1 watt. Output voltage -9VDC. Output current -56mA. Imput 5VDC .
|
International Power Sources
|